Part Number Hot Search : 
TBA4034 ICX054BL MH180 TLE4906H BC559 MAX4605 DDZ9697S CS843
Product Description
Full Text Search
 

To Download DTA124ECA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
Digital Transistor
FEATURES
Built-in bias resistor enable the configuration of an inverter circuit without connecting external input resistors. The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. Only the on/off conditions need to be set for operation, making device design easy.
Production specification
DTA124ECA
Pb
Lead-free
SOT-23
APPLICATIONS
The PNP style digital transistor.
ORDERING INFORMATION
Type No. DTA124ECA Marking 15 Package Code SOT-23
MAXIMUM RATING @ Ta=25 unless otherwise specified
Symbol VCC VIN IO PD RJA Tj,Tstg Parameter Supply Voltage Input Voltage Output Current Power Dissipation Thermal Resistance, Junction to Ambient Air Operating and Storage and Temperature Range Value -50 -40 to10 -30 200 833 -55 to +150 Units V V mA mW /W
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSDTC129 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
Digital Transistor
Production specification
DTA124ECA
Parameter Input Voltage Output Voltage Input Current Output Current DC Current Gain Input Resistor (R1) Tolerance Resistance Ratio Gain-Bandwidth Product
Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT
Test conditions VCC=-5V,IO=-100A VO=-0.2V,IO=-5mA Io/II=-10mA/-0.5mA, VI=-5V VCC=-50V,VI=0V VO=-5V,IO=-5mA VCE=-10V,IE=5mA, f=100MHz
MIN -3 56 15.4 0.8 -
TYP 22 1 250
MAX UNIT -0.5 -0.3 V V
-0.36 mA -0.5 28.6 1.2 MHz K A
PACKAGE OUTLINE
Plastic surface mounted package
A E
SOT-23
SOT-23
Dim A B C D
J
Min 2.85 1.25 0.37 0.35 1.85 0.02 2.35
Max 2.95 1.35 0.43 0.48 1.95 0.1 2.45
K
B
1.0Typical
D G
E G H
H C
J K
0.1Typical
All Dimensions in mm
SOLDERING FOOTPRINT
Document number: BL/SSDTC129 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
Digital Transistor
Production specification
DTA124ECA
Unit : mm
PACKAGE
Device DTA124ECA
INFORMATION
Package SOT-23 Shipping 3000/Tape&Reel
Document number: BL/SSDTC129 Rev.A
www.galaxycn.com 3


▲Up To Search▲   

 
Price & Availability of DTA124ECA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X